Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYDMLQ32.23 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KYDMLQ32.23
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KYDMLQ32.23 Datasheet(HTML) 3 Page - OSRAM GmbH

  KYDMLQ32.23 Datasheet HTML 1Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 2Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 3Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 4Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 5Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 6Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 7Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 8Page - OSRAM GmbH KYDMLQ32.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
KY DMLQ32.23
DATASHEET
DATASHEET
3 | Version 1.1 | 2023-09-14
Ordering Information
Type
Luminous Flux 1)
Ordering Code
I
F = 350 mA
Φ
V
KY DMLQ32.23-7H6J-35-J3T3
35.5 ... 56.0 lm
Q65113A5922
KY DMLQ32.23-5J7K-46-J3T3
45.0 ... 100.0 lm
Q65113A5157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com