Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBCRBP.01 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LBCRBP.01
Description  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCRBP.01 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LBCRBP.01 Datasheet HTML 15Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 16Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 17Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 18Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 19Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 20Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 21Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 22Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LB CRBP.01
DATASHEET
DATASHEET
19 | Version 1.3 | 2023-04-06
L
B
C
R
B
P
.
0
1
Package Type
C:
OSLON (ceramic)
Wavelength
Emission Color
Color coordinates according
(λ
dom typ.)
CIE 1931/Emission color:
B:
475 nm
Blue
CB:
Cxy 0.16/0.12 Color on demand blue
T:
528 nm
True green
CY:
Cxy 0.57/0.42 Color on demand yellow
J:
625 nm
Red
UW: Cxy 0.33/0.34 Ultra white
V:
505 nm
Verde
Lead / Package Properties
R:
OSLON
Ceramic Material AlN
Planar encapsulation TiO2
Chip Technology
P:
Power performance
Encapsulant Type / Lens Properties
B:
Outcoupling lens 120°; lambertian
L: Light
Emitting
Diode
Product Version Digit 2
0-9: Count
Product Version Digit 1
0-9: Count
Type Designation System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com