Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9964 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors TDA9964 Datasheet HTML 10Page - NXP Semiconductors TDA9964 Datasheet HTML 11Page - NXP Semiconductors TDA9964 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 May 02
8
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 30 Msps analog-to-digital
interface for CCD cameras
TDA9964
Total chain characteristics (CDS + PGA + ADC)
fpix(max)
maximum pixel frequency
30
−−
MHz
fpix(min)
minimum pixel frequency
tbf
−−
MHz
tCLKH
CLK pulse width HIGH
12
−−
ns
tCLKL
CLK pulse width LOW
12
−−
ns
td(SHD;CLK)
time delay between
SHD and CLK
see Figs 3 and 4
10
−−
ns
tsu(BLK;SHD)
set-up time of BLK compared
to SHD
see Figs 3 and 4
5
−−
ns
Vi(IN)
video input dynamic signal
for ADC full-scale output
PGA code = 00
800
−−
mV
PGA code = 255
50
−−
mV
Ntot(rms)
total noise from CDS input to
ADC output (RMS value)
see Fig.8
PGA gain = 0 dB
−
1.5
−
LSB
PGA gain = 9 dB
−
2.2
−
LSB
Ein(rms)
equivalent input noise
voltage (RMS value)
PGA gain = 24 dB
−
70
−µV
PGA gain = 9 dB
−
140
−µV
OCCD(max)
maximum offset between
CCD floating level and CCD
dark pixel level
−100
−
+100
mV
Digital-to-analog converter (OFDOUT DAC)
VOFDOUT(p-p) additional 8-bit control DAC
(OFD) output voltage
(peak-to-peak value)
Ri =1MΩ−
1.0
−
V
VOFDOUT(0)
DC output voltage for code 0
−
AGND
−
V
VOFDOUT(255) DC output voltage for
code 255
−
AGND + 1.0
−
V
TCDAC
DAC output range
temperature coefficient
−
250
−
ppm/
°C
ZOFDOUT
DAC output impedance
−
2000
−Ω
IOFDOUT
OFD output current drive
static
−−
100
µA
Digital outputs (fpix = 30 MHz; CL = 10 pF); see Figs 3 and 4
VOH
HIGH-level output voltage
IOH = −1mA
VCCO − 0.5 −
VCCO V
VOL
LOW-level output voltage
IOL = 1 mA
0
−
0.5
V
IOZ
output current in 3-state
mode
0.5V<Vo <VCCO
−20
−
+20
µA
th(o)
output hold time
5
−−
ns
td(o)
output delay time
CL = 10 pF; VCCO = 3.0 V
−
12
tbf
ns
CL = 10 pF; VCCO = 2.7 V
−
14
tbf
ns
CL
output load capacitance
−−
15
pF
Serial interface
fSCLK(max)
maximum frequency of serial
interface
10
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com