Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC78L05 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC78L05
Description  surface mount device regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC78L05 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC78L05 Datasheet HTML 1Page - GTM CORPORATION GSC78L05 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
ISSUED DATE :2004/02/18
REVISED DATE :2004/10/05B
Rank A ( 3% )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Vn
-
40
-
uV
10Hz f 100KHz (Note3)
RR
47
62
-
dB
8V Vin 18, f=120Hz, Tj=25 :
Vo/ T
-0.65
mV/ :
Io=5mA
Ipk
140
mA
VIN(Min)
-
6.7
7
V
Tj=25 :
JA
230.9
: /W
Characteristics at Ta = 25 ::::
(Vi=10V, Io=40mA, Tj=25 : , C1=0.33uF, Co=0.1uF unless otherwise specified)
RankB ( 5% )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
4.75
5
5.25
Tj=25 :
VO
4.75
5
5.25
V
Lo=1mA - 40mA, 7V Vin 20V
lo =1mA - 70mA, 7V Vin Vmax
(Note2)
-
18
75
7V Vin 20V
VO
(Line Regulation)
-
10
54
mV
8V Vin 20V
-
20
60
lo=1mA - 100mA
VO
(Load Regulation)
-
5.0
30
mV
lo=1mA - 40mA
IQ
-
3
5
mA
Tj=25 : , Vin=10V,Io=0mA
-
-
1.0
8V Vin 20V
IQ
-
-
0.1
mA
1mA Io 40mA
Vn
-
40
-
uV
10Hz f 100KHz (Note3)
RR
47
62
-
dB
8V Vin 18, f=120Hz, Tj=25 :
Vo/ T
-0.65
mV/ :
Io=5mA
Ipk
140
mA
VIN(Min)
-
6.7
7
V
Tj=25 :
JA
230.9
: /W
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply
when operating the device outside of its stated operating conditions.
Note2: Power dissipation <= 0.75W.
Note3: Recommended minimum load capacitance of 0.01uF to limit high frequency noise.
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com