Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC103 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC103
Description  DUAL OP-AMP AND 2.5V 짹 0.7% VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC103 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC103 Datasheet HTML 1Page - GTM CORPORATION GSC103 Datasheet HTML 2Page - GTM CORPORATION GSC103 Datasheet HTML 3Page - GTM CORPORATION GSC103 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSC103
Page: 2/4
ISSUED DATE :2005/10/26
REVISED DATE :
Pin Descriptions
Pin
Name
Function
1
OUT1
Output of Op-amp 1
2
IN1-
Negative terminal of Op-amp 1
3
IN1+
Positive terminal of Op-amp 1, connected to internal reference voltage
4
GND
Ground
5
IN2+
Positive terminal of Op-amp 2
6
IN2-
Negative terminal of Op-amp 2
7
OUT2
Output of Op-amp 2
8
VCC
Supply voltage
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage VCC
27
V
Differential Input Voltage(IN1+ to IN1-, IN2+ to IN2-)
27
V
Input Voltage
-0.3 ~ VCC+0.3V
V
Maximum Junction Temperature
150
:
Operating Ambient Temperature Range
-40 ~ + 105
:
Storage Temperature Range
-65 ~ + 150
:
Lead Temperature (PB Free, 10sec)
260
:
Junction-to-Ambient Thermal Resistance
160
: /W
ESD Level (Human Body Model)
2k
V
Caution:
Stresses beyond the ratings in “Absolute maximum ratings” may cause permanent damage to the device. This is a stress only rating and
operation of device at these or any other conditions above those indicated in the operational sections of this specification is not limited.
Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC=5V, -40 : ~105 :
-
0.7
1.2
Total Supply Current (No Load)
VCC=27V, -40 : ~105 :
-
-
2
mA
(VCC=+5V, TA=+25 : unless otherwise stated)
Parameter
Test Conditions
Min
Typ
Max
Unit
OP-Amp1 & OP-Amp2
25 :
-
1
4
Input Offset Voltage
(Common mode Voltage=0V)
-40 : ~105 :
-
-
5
mV
Input Offset Voltage Drift
-
7
-
V/ :
Input Bias Current (OP1)
25 :
-
20
-
nA
25 :
-
20
150
Input Bias Current (OP2)
-40 : ~105 :
-
-
200
nA
Output Source Current
VCC=15V, VO=2V
Differential Input Voltage=1V
20
40
-
mA
VCC=15V, VO=2V
Differential Input Voltage=-1V
10
-
-
mA
Output Sink Current
VCC=15V, VO=0.2V
Differential Input Voltage=-1V
12
50
-
A
Output Short Current
VCC=15V
-
40
60
mA
VCC=27V, RL=2k , 25 :
23
24
-
VCC=27V, RL=2k , -40 : ~105 :
23
-
-
VCC=27V, RL=10k , 25 :
24
-
-
Output Voltage – High Level
VCC=27V, RL=10k , -40 : ~105 :
24
25
-
V
RL=10k , 25 :
-
5
20
Output Voltage – Low Level
RL=10k , -40 : ~105 :
-
-
20
mV
Large Signal Voltage Gain (OP1)
Common mode Voltage=0V
VCC=15V, RL=2k
VO=1.4V~11.4V, -40 : ~105 :
-
100
-
V/mV
VCC=15V, RL=2k , VO=1.4V~11.4V, 25 :
50
100
-
Large Signal Voltage Gain (OP2)
VCC=15V, RL=2k , VO=1.4V~11.4V, -40 : ~105 :
25
-
-
V/mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com