Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8172829 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8172829
Description  Solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8172829 Datasheet(HTML) 1 Page - Festo Corporation.

  8172829 Datasheet HTML 1Page - Festo Corporation. 8172829 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solenoid valve
VUVG-L18-T32C-AT-G14-1H2L-F1A
Part number: 8172829
General operating condition
Data sheet
Feature
Value
Valve function
2x3/2, closed, monostable
Actuation type
Electrical
Valve size
18 mm
Standard nominal flow rate
880 l/min
Pneumatic working port
G1/4
Operating voltage
24V DC
Operating pressure
0.15 MPa ... 0.8 MPa
Operating pressure
1.5 bar ... 8 bar
Structural design
Piston gate valve
Reset method
Pneumatic spring
Certification
RCM compliance mark
c UL us - Recognized (OL)
Certificate issuing authority
UL MH19482
Degree of protection
IP40
Nominal width
5.7 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
Internal
Symbol
00992904
Lap
Overlap
Pilot pressure MPa
0.15 MPa ... 0.8 MPa
Pilot pressure
1.5 bar ... 8 bar
Suitability for vacuum
no
Switching time off
36 ms
On switching time
17 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 0.8 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
9/30/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8172829

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8172830 FESTO-8172830 Datasheet
131Kb / 2P
Solenoid valve
8172831 FESTO-8172831 Datasheet
130Kb / 2P
Solenoid valve
8172832 FESTO-8172832 Datasheet
132Kb / 2P
Solenoid valve
8172833 FESTO-8172833 Datasheet
130Kb / 2P
Solenoid valve
8172834 FESTO-8172834 Datasheet
131Kb / 2P
Solenoid valve
More results

Similar Description - 8172829

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VYKA-F7-M32-12-D2-PV-5YQ7 FESTO-VYKA-F7-M32-12-D2-PV-5YQ7 Datasheet
89Kb / 2P
Solenoid valve
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8150397 FESTO-8150397 Datasheet
94Kb / 2P
Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com