Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8704 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDF8704
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDF8704 Datasheet HTML 12Page - NXP Semiconductors TDF8704 Datasheet HTML 13Page - NXP Semiconductors TDF8704 Datasheet HTML 14Page - NXP Semiconductors TDF8704 Datasheet HTML 15Page - NXP Semiconductors TDF8704 Datasheet HTML 16Page - NXP Semiconductors TDF8704 Datasheet HTML 17Page - NXP Semiconductors TDF8704 Datasheet HTML 18Page - NXP Semiconductors TDF8704 Datasheet HTML 19Page - NXP Semiconductors TDF8704 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
June 1994
16
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
APPLICATION INFORMATION
Fig.17 Application diagram.
The analog and digital supplies should be separated and decoupled.
(1) VRB and VRT are decoupling pins for the internal reference ladder; do not draw current from these pins in order to achieve good linearity.
(2) Pins 3 and 10 should be connected to DGND in order to prevent noise influence.
handbook, halfpage
MSA684
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
D0
D1
D2
D3
D4
D5
D6
OGND
CLK
n.c.
DEC
O / UF
D7
n.c.
DGND
CE
V
RB
VRT
VI
V
CCA
V
CCD
AGND
V
CCO1
47 pF
10 nF
AGND
AGND
100 nF
AGND
V
CCO2
TDF8704
(1)
(1)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com