Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8704T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8704T
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8704T Datasheet HTML 4Page - NXP Semiconductors TDF8704T Datasheet HTML 5Page - NXP Semiconductors TDF8704T Datasheet HTML 6Page - NXP Semiconductors TDF8704T Datasheet HTML 7Page - NXP Semiconductors TDF8704T Datasheet HTML 8Page - NXP Semiconductors TDF8704T Datasheet HTML 9Page - NXP Semiconductors TDF8704T Datasheet HTML 10Page - NXP Semiconductors TDF8704T Datasheet HTML 11Page - NXP Semiconductors TDF8704T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
June 1994
8
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
HARMONICS (fclk =40MHZ)
h1
fundamental harmonics
(full scale)
fi = 4.43 MHz
−−
0dB
hall
harmonics (full scale);
all components
fi = 4.43 MHz
second harmonics
−−64
−60
dB
third harmonics
−−58
−55
dB
THD
total harmonic distortion
fi = 4.43 MHz
−−56
−
dB
SIGNAL-TO-NOISE RATIO
S/N
signal-to-noise ratio
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz
46
48
−
dB
EFFECTIVE BITS; NOTE 5; SEE FIGS 9, 10 AND 11
EB
effective bits
TDF8704T/2
fclk = 20 MHz
fi = 1.25 MHz
−
7.8
−
bits
fi = 4.43 MHz
−
7.6
−
bits
effective bits
TDF8704T/4
fclk = 40 MHz
fi = 4.43 MHz
−
7.5
−
bits
fi = 7.5 MHz
−
7.3
−
bits
fi = 10 MHz
−
7.0
−
bits
effective bits
TDF8704T/5
fclk = 50 MHz
fi = 4.43 MHz
−
7.4
−
bits
fi = 7.5 MHz
−
7.2
−
bits
fi = 10 MHz
−
6.9
−
bits
TWO-TONE (NOTE 6)
TTIR
two-tone intermodulation
rejection
fclk = 40 MHz
−−56
−
dB
BIT ERROR RATE
BER
bit error rate
fclk = 40 MHz;
fi = 4.43 MHz;
VI = ±16 LSB at code 128
−
10−11
−
times/
samples
DIFFERENTIAL GAIN (NOTE 7)
Gdiff
differential gain
fclk = 20 MHz;
fi = 4.43 MHz
−
0.6
−
%
DIFFERENTIAL PHASE (NOTE 7)
ϕdiff
differential phase
fclk = 40 MHz;
fi = 4.43 MHz
−
0.8
−
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com