Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2139 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GSC2139
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2139 Datasheet(HTML) 4 Page - GTM CORPORATION

  GSC2139 Datasheet HTML 1Page - GTM CORPORATION GSC2139 Datasheet HTML 2Page - GTM CORPORATION GSC2139 Datasheet HTML 3Page - GTM CORPORATION GSC2139 Datasheet HTML 4Page - GTM CORPORATION GSC2139 Datasheet HTML 5Page - GTM CORPORATION GSC2139 Datasheet HTML 6Page - GTM CORPORATION GSC2139 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GSC2139
Page: 4/7
ISSUED DATE :2006/04/14
REVISED DATE :
Characteristics Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com