Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2146 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC2146
Description  600mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2146 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC2146 Datasheet HTML 1Page - GTM CORPORATION GSC2146 Datasheet HTML 2Page - GTM CORPORATION GSC2146 Datasheet HTML 3Page - GTM CORPORATION GSC2146 Datasheet HTML 4Page - GTM CORPORATION GSC2146 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2006/04/10
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GSC2146-15
6D152
XXXX
1.5V
GSC2146-18
6D182
XXXX
1.8V
GSC2146-25
6D252
XXXX
2.5V
GSC2146-27
6D272
XXXX
2.7V
GSC2146-28
6D282
XXXX
2.8V
GSC2146-2H
6D2H2
XXXX
2.85V
GSC2146-29
6D292
XXXX
2.9V
GSC2146-30
6D302
XXXX
3.0V
GSC2146-31
6D312
XXXX
3.1V
GSC2146-33
6D332
XXXX
3.3V
GSC2146-34
6D342
XXXX
3.4V
GSC2146-35
6D352
XXXX
3.5V
GSC2146-36
6D362
XXXX
3.6V
GSC2146-37
6D372
XXXX
3.7V
GSC2146-38
6D382
XXXX
3.8V
Detailed Description
The GSC2146 series of COMS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 600mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GSC2146 switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over-stress. The GSC2146 also incorporates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces
the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The GSC2146 is stable with an output capacitance to ground of 2.2 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10 F Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should
be at least 0.1 F to have a beneficial effect.
A third capacitor can be connected between the BY-PASS pin and GND. This capacitor can be a low cost
Polyester Film variety between the value of 0.001~0.01 F. A large capacitor improves the AC ripple rejection,
but also makes the output come up slowly. This “Soft” turn-on is desirable in some applications to limit turn-on
surges.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the quiescent current is less than 1 A. This pin behaves much
like an electronic switch.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com