Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8704T/4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8704T/4
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T/4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8704T/4 Datasheet HTML 3Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 4Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 5Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 6Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 7Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 8Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 9Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 10Page - NXP Semiconductors TDF8704T/4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
June 1994
7
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
INPUT CE (REFERENCED TO DGND) SEE TABLE 2
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VIL = 0.4 V
−400
−−µA
IIH
HIGH level input current
VIH = 2.7 V
−−
20
µA
Reference resistance
Rref
reference resistance
VRT to VRB
−
200
−Ω
Outputs
DIGITAL OUTPUTS D7 TO D0 (REFERENCED TO DGND)
VOL
LOW level output voltage
IO = 1 mA;
Tamb = 0 to +85 °C
0
−
0.4
V
IO = 1 mA;
Tamb =0to −40 °C
−−
0.6
V
VOH
HIGH level output voltage
IO = −0.4 mA
2.7
−
VCCD
V
IOZ
output current in 3-state
mode
0.4 V < VO < VCCD
−20
−
+20
µA
Switching characteristics
CLOCK INPUT CLK (NOTE 1; SEE FIG.15)
fclk(max)
maximum clock frequency
TDF8704T/2
20
−−
MHz
TDF8704T/4
40
−−
MHz
TDF8704T/5
50
−−
MHz
tCPH
clock pulse width HIGH
7
−−
ns
tCPL
clock pulse width LOW
7
−−
ns
Analog signal processing
LINEARITY
ILE
DC integral linearity error
−±0.4
±1.0
LSB
DLE
DC differential linearity error
−±0.2
±0.5
LSB
AILE
AC integral linearity error
note 2
−−±2.0
LSB
BANDWIDTH (fclk =40MHZ)
B
−0.5 dB analog bandwidth
(note 3)
full-scale sine wave
−
12
−
MHz
75% full-scale sine wave
−
16
−
MHz
tSTLH
analog input settling time
LOW-to-HIGH
full-scale square wave;
Fig.8; note 4
−
2.5
3.5
ns
tSTHL
analog input settling time
HIGH-to-LOW
full-scale square wave;
Fig.8; note 4
−
3.0
4.0
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com