Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet(PDF) 2 Page - International Rectifier

Part # MBR2045CT
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR2045CT Datasheet(HTML) 2 Page - International Rectifier

  MBR2045CT Datasheet HTML 1Page - International Rectifier MBR2045CT Datasheet HTML 2Page - International Rectifier MBR2045CT Datasheet HTML 3Page - International Rectifier MBR2045CT Datasheet HTML 4Page - International Rectifier MBR2045CT Datasheet HTML 5Page - International Rectifier MBR2045CT Datasheet HTML 6Page - International Rectifier MBR2045CT Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBR20..CTPbF Series
Bulletin PD-20866 rev. B 05/06
2
www.irf.com
T
J
Max. Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance
2.0
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
Only for TO-220
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Marking Device
MBR2045CT
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Kg-cm
(Ibf-in)
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max. Average Forward
(PerLeg)
10
A
@ T
C = 135° C, (Rated VR)
Current
(Per Device)
20
I
FRM
Peak Repetitive Forward
20
A
Rated V
R, square wave, 20kHz
Current
(Per Leg)
TC = 135° C
I
FSM
Non Repetitive Peak
1060
5μs Sine or 3μs
Surge Current
Rect. pulse
Surge applied at rated load conditions halfwave,
single phase, 60Hz
E
AS
Non-Repetitive Avalanche Energy
8
mJ
(Per Leg) T
J = 25 °C, IAS = 2 Amps, L = 4 mH
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Parameters
Values
Units
Conditions
Following any rated load condition
and with rated VRRM applied
A
150
V
FM
Max. Forward Voltage Drop
0.84
V
@ 20A
TJ = 25 °C
(1)
0.57
V
@ 10A
0.72
V
@ 20A
I
RM
Max. Instantaneus Reverse Current
0.1
mA
TJ = 25 °C
(1)
15
mA
TJ = 125 °C
VF(TO) Threshold Voltage
0.354
V
T
J = TJ max.
rt
Forward Slope Resistance
17.6
m
Ω
CT
Max. Junction Capacitance
600
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated VR)
Parameters
Values
Units
Conditions
Rated DC voltage
T
J = 125 °C
MBR2035CTPbF
MBR2045CTPbF
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
35
45
Voltage Ratings
Parameters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com