Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0540 Datasheet(PDF) 2 Page - International Rectifier

Part # MBR0540
Description  SCHOTTKY DIODE 0.5 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR0540 Datasheet(HTML) 2 Page - International Rectifier

  MBR0540 Datasheet HTML 1Page - International Rectifier MBR0540 Datasheet HTML 2Page - International Rectifier MBR0540 Datasheet HTML 3Page - International Rectifier MBR0540 Datasheet HTML 4Page - International Rectifier MBR0540 Datasheet HTML 5Page - International Rectifier MBR0540 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR0540PbF
2
Bulletin PD-21132 rev. A 08/06
www.irf.com
(*) dPtot
1
dTj
Rth( j-a)
Part number
Value
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
40
Voltage Ratings
I
F
Forward Current
0.5
A
DC, T
L = 122°C
I
FSM
Max. Peak One Cycle Non-Repetitive
50
A
5μs Sine or 3μs Rect. pulse
Surge Current, @ T
J = 25°C
6.0
A
10ms Sine or 6ms Rect. pulse
Parameters
Value Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM applied
T
J
Max.Junction Temperature Range(*)
- 65 to 150
°C
T
stg
Max. Storage Temperature Range
- 65 to 150
°C
R
thJL Max. Thermal Resistance Junction
150
°C/W Mounted on PC board FR4 with minimum pad size
to Lead
R
th(j-a) Max. Thermal Resistance Junction
200
°C/W 1 inch square pad size (1 x 0.5 inch for each lead) on
to Ambient
FR4 board
Wt
Approximate Weight
0.012
g
Case Style
SOD123
Device Marking
CYWLC
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
V
FM
Max. Forward Voltage Drop
(1)
0.480
V
@ 0.5A
T
J = 25°C
0.560
V
@ 1A
V
FM
Max. Forward Voltage Drop
(1)
0.420
V
@ 0.5A
T
J =
100°C
0.520
V
@ 1A
I
RM
Max. Reverse Leakage
(1)
10
μAV
R = 20V
TJ = 25°C
Current
5
mA
V
R = 20V
TJ = 100°C
20
μAV
R = 40V
TJ = 25°C
13
mA
V
R = 40V
TJ = 100°C
C
T
Max. Junction Capacitance
60
pF
V
R = 5VDC (test signal range 100KHz to 1Mhz), TJ = 25°C
dv/dt Max. Voltage Rate of Change
10000
V/μs
(Rated VR)
Electrical Specifications
Parameters
Value
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
<
thermal runaway condition for a diode on its own heatsink



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com