Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8704T/5 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8704T/5
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T/5 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8704T/5 Datasheet HTML 9Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 10Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 11Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 12Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 13Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 14Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 15Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 16Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
June 1994
13
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
Fig.10 Fast Fourier Transform (fclk = 40 MHz; fi = 4.43 MHz).
Effective bits: 7.61; THD =
−57.11 dB.
Harmonic levels (dB): 2nd =
−68.53; 3rd = −58.36; 4th = −74.89; 5th = −65.37; 6th = −76.08.
handbook, full pagewidth
7.44
0
120
0
2.48
4.96
MBD871
40
80
17.4
9.93
12.4
14.9
19.9
f (MHz)
100
20
60
amplitude
(dB)
Fig.11 Fast Fourier Transform (fclk = 50 MHz; fi = 10 MHz).
Effective bits: 6.91; THD =
−46.13 dB.
Harmonic levels (dB): 2nd =
−59.66; 3rd = −46.67; 4th = −70.80; 5th = −57.96; 6th = −72.16.
handbook, full pagewidth
9.35
0
120
0
3.12
6.24
MBD872
40
80
21.8
12.5
15.6
18.7
24.9
f (MHz)
100
20
60
amplitude
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com