Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC632 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CLRC632
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC632 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CLRC632 Datasheet HTML 17Page - NXP Semiconductors CLRC632 Datasheet HTML 18Page - NXP Semiconductors CLRC632 Datasheet HTML 19Page - NXP Semiconductors CLRC632 Datasheet HTML 20Page - NXP Semiconductors CLRC632 Datasheet HTML 21Page - NXP Semiconductors CLRC632 Datasheet HTML 22Page - NXP Semiconductors CLRC632 Datasheet HTML 23Page - NXP Semiconductors CLRC632 Datasheet HTML 24Page - NXP Semiconductors CLRC632 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
21
Confidential
Page
Addresshex
Register Name
Function
20
Page
selects the register page
21
RxWait
selects the time interval after transmission, before receiver starts
22
ChannelRedundancy
selects the kind and mode of checking the data integrity on the RF-
channel
23
CRCPresetLSB
LSB of the pre-set value for the CRC register
24
CRCPresetMSB
MSB of the pre-set value for the CRC register
25
TimeSlotPeriod
selects the time between automatically mitted Frames
26
MFOUTSelect
selects internal signal applied to pin MFOUT,
includes the MSB
of value TimeSlotPeriod see register 0x25
27
PreSet27
these values shall not be changed
28
Page
selects the register page
29
FIFOLevel
defines level for FIFO over– and underflow warning
2A
TimerClock
selects the divider for the timer clock
2B
TimerControl
selects start and stop conditions for the timer
2C
TimerReload
defines the pre-set value for the timer
2D
IRQPinConfig
configures the output stage of pin IRQ
2E
PreSet2E
these values shall not be changed
2F
PreSet2F
these values shall not be changed
30
Page
selects the register page
31
RFU
reserved for future use
32
RFU
reserved for future use
33
RFU
reserved for future use
34
RFU
reserved for future use
35
RFU
reserved for future use
36
RFU
reserved for future use
37
RFU
reserved for future use
38
Page
selects the register page
39
RFU
reserved for future use
3A
TestAnaSelect
selects analog test mode
3B
RFU
reserved for future use
3C
RFU
reserved for future use
3D
TestDigiSelect
selects digital test mode
3E
RFU
reserved for future use
3F
RFU
reserved for future use
Table 5-1: CL RC632 Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com