Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M13340 Datasheet(PDF) 1 Page - Alpha Wire

Part # M13340
Description  22 (7/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M13340 Datasheet(HTML) 1 Page - Alpha Wire

  M13340 Datasheet HTML 1Page - Alpha Wire M13340 Datasheet HTML 2Page - Alpha Wire M13340 Datasheet HTML 3Page - Alpha Wire M13340 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M13340
Construction
 
Diameters (In)
1) Component 1
40 X 1 COND
 
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code F
Cond Color
Cond Color
Cond Color
1
BLACK
15
BLUE/WHITE29
WHITE/RED/GREEN
2
WHITE
16
BLACK/RED30
RED/BLACK/GREEN
3
RED
17
WHITE/RED31
GREEN/BLACK/ORANGE
4
GREEN
18
ORANGE/RED
32
ORANGE/BLACK/GREEN
5
ORANGE
19
BLUE/RED 33
BLUE/WHITE/ORANGE
6
BLUE
20
RED/GREEN34
BLACK/WHITE/ORANGE
7
WHITE/BLACK
21
ORANGE/GREEN
35
WHITE/RED/ORANGE
8
RED/BLACK22
BLACK/WHITE/RED
36
ORANGE/WHITE/BLUE
9
GREEN/BLACK
23
WHITE/BLACK/RED
37
WHITE/RED/BLUE
10
ORANGE/BLACK
24
RED/BLACK/WHITE
38
BLACK/WHITE/GREEN
11
BLUE/BLACK25
GREEN/BLACK/WHITE
39
WHITE/BLACK/GREEN
12
BLACK/WHITE
26
ORANGE/BLACK/WHITE
40
RED/WHITE/GREEN
13
RED/WHITE27
BLUE/BLACK/WHITE 
14
GREEN/WHITE
28
BLACK/RED/GREEN 
2) Cable Assembly
40 Components Cabled
 
a) Twists:
2.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Jacket
0.040" Wall, Nom.,PVC
0.445 (0.468 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N M13340 40C 22 AWG
EXXXXXX 75C CM (UL) C(UL) OR
AWM STYLE 2576 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]


Similar Part No. - M13340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1330 ETC2-M1330 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
API Delevan
M1330-00K API-M1330-00K Datasheet
46Kb / 1P
Surface Mount Inductors
M1330-02K API-M1330-02K Datasheet
46Kb / 1P
Surface Mount Inductors
M1330-04K API-M1330-04K Datasheet
46Kb / 1P
Surface Mount Inductors
M1330-06K API-M1330-06K Datasheet
46Kb / 1P
Surface Mount Inductors
More results

Similar Description - M13340

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com