Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME12629B-R Datasheet(PDF) 1 Page - Micro Electronics

Part # ME12629B-R
Description  BLUE SIDE BACKLIGHT FOR LCD DISPLAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ME12629B-R Datasheet(HTML) 1 Page - Micro Electronics

  ME12629B-R Datasheet HTML 1Page - Micro Electronics ME12629B-R Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ME12629B-R
BLUE
SIDE BACKLIGHT
FOR LCD DISPLAY
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Pd
8*120mW
Continuous Forward Current
IF
8*30mA
Reverse Voltage
VR
5V
Operating Temperature Range
Topr
-20 to +70°C
Storage Temperature Range
Tstg
-25 to +75°C
ELECTRO-OPTICAL CHARACTERISTICS (CHIP) (Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Voltage
VF
3.2
3.6
V
IF=20mA
Reverse Current
IR
100
μA
VR=5V
Dominant Wavelength
λd
470
475
nm
IF=20mA
Spectral Line Half Width
Δλ
30
nm
IF=20mA
ELECTRO-OPTICAL CHARACTERISTICS (ME12629B-R) (Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Current/Chip
IF
16
mA
VS=5V DC,R=110Ω
Reverse Current/Chip
IR
100
μA
VR=5V
Dominant Wavelength
λd
470
475
nm
VS=5V DC,R=110Ω
Spectral Line Half Width
Δλ
30
nm
VS=5V DC,R=110Ω
Brightness
B
180
200
cd/m
2
VS=5V DC,R=110Ω
CAUTION
Static eletricity and surge damages the backlight ,It is recommended to use a wrist band or anti-eletrostatic
glove when handling the backlight . All devices,equipment and machinery must be properly grounded.
REV : A
10/5/2006
P 1 OF 2
MICRO


Similar Part No. - ME12629B-R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ME1208030 ALTECH-ME1208030 Datasheet
306Kb / 2P
ME252015
logo
Kontron
ME1210 KONTRON-ME1210 Datasheet
577Kb / 2P
Distributed unit (DU) for wide temperature range
logo
MicroPower Direct, LLC
ME124S03 MPD-ME124S03 Datasheet
231Kb / 2P
ME100S SERIES
ME124S03I MPD-ME124S03I Datasheet
241Kb / 2P
ME100SI SERIES
ME124S05 MPD-ME124S05 Datasheet
231Kb / 2P
ME100S SERIES
More results

Similar Description - ME12629B-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
1620G MICRO-ELECTRONICS-1620G Datasheet
37Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
1623Y MICRO-ELECTRONICS-1623Y Datasheet
39Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2021-1G MICRO-ELECTRONICS-2021-1G Datasheet
35Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2421G MICRO-ELECTRONICS-2421G Datasheet
43Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
B2A16LY MICRO-ELECTRONICS-B2A16LY Datasheet
39Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2043G MICRO-ELECTRONICS-2043G Datasheet
58Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
ME3113B MICRO-ELECTRONICS-ME3113B Datasheet
52Kb / 2P
BLUE SIDE BACKLIGHT FOR LCD DISPLAY
ME2113B MICRO-ELECTRONICS-ME2113B Datasheet
66Kb / 2P
BLUE SIDE BACKLIGHT FOR LCD DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com