Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA52A10MM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RNA52A10MM
Description  Dual CMOS system-RESET IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA52A10MM Datasheet(HTML) 2 Page - Renesas Technology Corp

  RNA52A10MM Datasheet HTML 1Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 2Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 3Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 4Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 5Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 6Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 7Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 8Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RNA52A10MM
Rev.4.00
Feb 23, 2007
page 2 of 10
Functional Block Diagram and Typical application Circuit
VREF
1.0V
6
1
4
5
3
7
2
8
VDD0
VDD1
VDD2
VDD3
VDD4
Micro-
computer
RESET
RL1
RL2
RS1
RS2
RS3
RS4
2M
GND
CD
MR
VDD
RD
CD
Vi1
Vi2
Vo1
Vo2
C1
Reset circuit 1
Reset circuit 2
Notes: 1. Please refer to the following equations to set up reset-threshold voltages for power supplies VDD1 and VDD2,
and to set up external voltage-dividing resistor pairs RS1 and RS2, and RS3 and RS4.
(1) VDD1 reset-threshold voltage = VREF
× (RS1+RS2)/RS2
(2) VDD2 reset-threshold voltage = VREF
× (RS3+RS4)/RS4
Note that values must be set up within the following range: RS1, RS2, RS3, RS4
≤ 50 kΩ
See the following graph for the relationship between the reference voltage variation and the value selected
for RS1, RS2, RS3 and RS4.
2. For capacitor C1, select a type which has excellent frequency characteristics. For stable operation, place it
between the VDD pin and the GND pin and as close as is possible to the chip.
The value of capacitor C1 must suit the system environment in terms of the quality of the power supply and so
forth.
Reference Voltage Variation vs. Parallel Resistance
-1
0
1
2
3
4
5
0.1
1
10
100
1000
Parallel Resistance (RS1//RS2, RS3//RS4) [k
Ω]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com