Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62343FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62343FP
Description  8-Bit D/A Converter (Buffered)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62343FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62343FP Datasheet HTML 1Page - Renesas Technology Corp M62343FP Datasheet HTML 2Page - Renesas Technology Corp M62343FP Datasheet HTML 3Page - Renesas Technology Corp M62343FP Datasheet HTML 4Page - Renesas Technology Corp M62343FP Datasheet HTML 5Page - Renesas Technology Corp M62343FP Datasheet HTML 6Page - Renesas Technology Corp M62343FP Datasheet HTML 7Page - Renesas Technology Corp M62343FP Datasheet HTML 8Page - Renesas Technology Corp M62343FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M62342P/FP, M62343P/FP
REJ03F0073-0300 Rev.3.00 Mar 25, 2008
Page 2 of 8
Pin Arrangement
AO1
LD
AO2
CLK
DI
VCC
GND
8
5
6
7
1
4
3
2
M62342P/FP
M62343P/FP
(Top view)
Outline: PRDP0008AA-A (8P4) [P]
PRSP0008DE-C [FP] (recommend)
PRSP0008DA-A (8P2S-A) [FP] (not recommend for new design)
AO3*
Note:
Pin 3 of the M62342 is a NC pin.
Pin Description
Pin No.
Symbol
Function
6
DI
Serial data input pin. Inputs serial data with a 10-bit data length.
7
CLK
Serial clock input pin. Input signal from DI pin is input to 10-bit shift register at rise of
shift clock.
8
LD
Load pin. When “H” level is input to LD pin, value in 10-bit shift register is loaded into
decoder and D/A output register.
1
AO1
2
AO2
3
AO3
(M62343 only)
8-bit resolution D/A converter output pins
(After power-on, all channels are reset and DAC data 00h is output.)
4
VCC
Power supply voltage pin
5
GND
GND pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com