Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS286 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1SS286
Description  Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS286 Datasheet(HTML) 3 Page - Renesas Technology Corp

  1SS286 Datasheet HTML 1Page - Renesas Technology Corp 1SS286 Datasheet HTML 2Page - Renesas Technology Corp 1SS286 Datasheet HTML 3Page - Renesas Technology Corp 1SS286 Datasheet HTML 4Page - Renesas Technology Corp 1SS286 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SS286
REJ03G0142-0300 Rev.3.00 May 24, 2007
Page 3 of 4
Main Characteristic
0
0.4
1.0
0.6
0.2
0.8
05
25
20
15
10
10
1.0
0.1
10
–7
10
–9
10
–8
10
–6
10
–10
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
–3
10
–2
10
–5
10
–4
10
–1
10
–7
10
–6
10
–9
10
–8
1.0
40
10
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com