Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1065T Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1065T
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1065T Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1065T Datasheet HTML 1Page - Renesas Technology Corp HAT1065T Datasheet HTML 2Page - Renesas Technology Corp HAT1065T Datasheet HTML 3Page - Renesas Technology Corp HAT1065T Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAT1065T
REJ03G0161-0200 Rev.2.00 Aug 06, 2007
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
–200
—
—
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±15
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±12 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–5
µA
VDS = –200 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
—
–2.0
V
VDS = –10 V, ID = –1 mA
RDS(on)
—
5.0
6.2
Ω
ID = –0.25 A, VGS = –10 V
Note4
RDS(on)
—
6.0
7.5
Ω
ID = –0.25 A, VGS = –4 V
Note4
Static drain to source on state
resistance
RDS(on)
—
7.0
10.0
Ω
ID = –1 A, VGS = –5 V
Note4
Forward transfer admittance
|yfs|
0.29
0.45
—
S
ID = –0.25 A, VDS = –10 V
Note4
Input capacitance
Ciss
—
140
—
pF
Output capacitance
Coss
—
37
—
pF
Reverse transfer capacitance
Crss
—
10
—
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
12
—
ns
Rise time
tr
—
9
—
ns
Turn-off delay time
td(off)
—
25
—
ns
Fall time
tf
—
15
—
ns
VGS = –5 V, ID = –0.25 A
VDD
≅ –30 V
Body–drain diode forward voltage
VDF
—
–0.9
–1.4
V
IF = –0.25 A, VGS = 0
Note4
Notes: 4. Pulse test



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com