Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC34063 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC34063
Description  DC TO DC CONVERTER CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC34063 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC34063 Datasheet HTML 1Page - GTM CORPORATION GSC34063 Datasheet HTML 2Page - GTM CORPORATION GSC34063 Datasheet HTML 3Page - GTM CORPORATION GSC34063 Datasheet HTML 4Page - GTM CORPORATION GSC34063 Datasheet HTML 5Page - GTM CORPORATION GSC34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
ISSUED DATE :2003/05/27
REVISED DATE :2005/08/10E
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
VALUE
Unit
Operating junction temperature
Tj
150
:
Operating ambient temperature range
Ta
0 ~ 70
:
Storage Temperature range
Tstg
-65 ~ 150
:
Supply Voltage
Vcc
40
V
Comparator input voltage range
Vi(comp)
-0.3 ~ +40
V
Switch collector voltage
Vc(sw)
40
V
Switch Emitter voltage
Ve(sw)
40
V
Switch collector to Emitter voltage
Vce(dr)
40
V
Switch current
Isw
1.5
A
Power Dissipation
Pd
625
mW
Thermal Resistance
R JA
160
: / W
Electrical Characteristics (0 : TA 70 : ,Vcc=5V unless otherwise specified)
Parameter
SYMBOL
Test Conditions
Min
Typ.
Max.
Unit
Oscillator
Frequency
fosc
VPin5=0V, CT=1.0nF, Ta=25 :
24
42
48
kHz
Charging Current
lchg
Vcc = 5 to 40, Ta = 25 :
22
31
42
uA
Discharging Current
ldischg
Vcc = 5 to 40, Ta = 25 :
140
190
260
uA
Discharge to Charge Current Ratio
K
Pin7 to Vcc, Ta = 25 :
5.2
6.1
7.5
Current limit Sense Voltage
Vsense
Ichg = idschg, Ta = 25 :
250
300
350
mV
Output Switch
Saturation Voltage 1(note)
Vce(sat)1 Isw = 1A,Vc(driver) = Vc(sw)
0.95
1.3
V
Saturation Voltage 2(note)
Vce(sat)2 Isw = 1A,Vc(driver) = 50mA
0.45
0.7
V
DC Current Gain(note)
Gi(DC)
Isw = 1A,Vce = 5V, Ta = 25 :
50
180
Collect Off State Current (note)
C(off)
Vce = 40V, Ta = 25 :
0.01
100
uA
Comparator
Vcc=5V, Ta = 25 :
34063A
1.241
1.25
1.259
V
34063B
1.237
1.25
1.262
V
Threshold Voltage
Vth
34063C
1.225
1.25
1.275
V
Threshold Voltage Line Regulation
Vth
Vcc = 3 ~ 40V
2
5
mV
Input Bias Current
Ibias
Vi = 0V
50
400
nA
Total Device
Supply Current
Icc
Vcc = 5 ~ 40V,
Ct = 0.001,
Pin7 to Vcc,
Vc > Vth,
Pin2 = GND
2.7
4.0
mA
Note
Output switch tests are performed under pulsed conditions to minimize power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com