Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RG Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RG
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RG Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RG Datasheet HTML 1Page - Bourns Electronic Solutions MF-RG Datasheet HTML 2Page - Bourns Electronic Solutions MF-RG Datasheet HTML 3Page - Bourns Electronic Solutions MF-RG Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Time to Trip at 23 °C
MF-RG SERIES, REV. C, 06/07
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - RG 300 - __
Multifuse® Product Designator
Style
RG = Smaller Radial Leaded Component
Component
Hold Current, Ihold
300-500 (3.0 Amps - 5.0 Amps)
Packaging Options
-
= Bulk Packaging
- 2 = Tape and Reel
- AP = Ammo-Pak
Typical Part Marking
Represents total content. Layout may vary.
RG300
6180T
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(LAST DIGIT
OF YEAR &
JULIAN DATE)
LOT NO.
(T = TAIWAN)
A
B
C
D
E
F
Physical Characteristics
Model
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Nom.
Style
Lead Dia.
Material
MF-RG300
7.1
11.0
5.1
0.7
7.6
3.0
0.81
1
0.81
Sn/Cu
(0.280)
(0.433)
(0.201)
(0.028)
(0.299)
(0.118)
(0.032)
(0.032)
MF-RG500
10.4
14.3
5.1
0.7
7.6
3.0
0.81
1
0.81
Sn/Cu
(0.409)
(0.563)
(0.201)
(0.028)
(0.299)
(0.118)
(0.032)
(0.032)
Product Dimensions
Packaging options:
BULK: 500 pcs. per bag.
TAPE & REEL: 1000 pcs. per reel.
AMMO-PACK: 2000 pcs. per reel.
0.81 (20AWG)
MF-RG Series - PTC Resettable Fuses
MM
(INCHES)
DIMENSIONS =
A
E
B
D
C
F
NOTE: Kinked leads are available for board
standoff options. Contact factory for details.
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A., MF0526 12/05
0.001
0.01
0.1
1
10
100
1
10
100
Fault Current (Amps)
MF-RG300
MF-RG500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com