Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW1303LAN Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MHW1303LAN
Description  5-200 MHz, 30.8 dB, 10-CHANNEL CATV LOW CURRENT AMPLIFIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1303LAN Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MHW1303LAN Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RF Device Data
Freescale Semiconductor
MHW1303LAN
Table 2. Electrical Characteristics (VCC = 24 Vdc, TC = 30°C, 75 Ω system, unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Cross Modulation Distortion
(Vout = +50 dBmV per Ch., Worst Case)
6-Channel FLAT
10-Channel FLAT
XMD6
XMD10
—
—
-67
-61
-64
-58
dBc
Composite Triple Beat
(Vout = +50 dBmV per Ch., Worst Case)
6-Channel FLAT
10-Channel FLAT
CTB6
CTB10
—
—
-76
-67
-74
-64
dBc
Noise Figure
(f = 5-200 MHz)
NF
—
5
5.7
dB
DC Current
IDC
85
95
110
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com