Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R016/600-A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R016/600-A
Description  Telecom PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R016/600-A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R016/600-A Datasheet HTML 1Page - Bourns Electronic Solutions MF-R016/600-A Datasheet HTML 2Page - Bourns Electronic Solutions MF-R016/600-A Datasheet HTML 3Page - Bourns Electronic Solutions MF-R016/600-A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Max.
Hold
Trip
One Hour
Max. Time
Tripped
Interrupt
Current
Current
Initial Resistance
Post-Trip
To Trip
Power
Max.
Ratings
Resistance
@ 1 A
Dissipation
Model
Operating
Voltage
Volts
Amps
Amps
Amps
Ohms
Ohms
Ohms
Seconds
Watts
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
Max.
Max.
Min.
Max.
Max.
Typ.
MF-R015/600
60
600
3
0.15
0.30
6.0
12.0
22.0
5.0
1.0
MF-R015/600-A
60
600
3
0.15
0.30
7.0
10.0
20.0
5.0
1.0
MF-R015/600-B
60
600
3
0.15
0.30
9.0
12.0
22.0
5.0
1.0
MF-R015/600-F
60
600
3
0.15
0.30
7.0
12.0
22.0
5.0
1.0
MF-R016/600
60
600
3
0.16
0.32
4.0
10.0
18.0
7.0
1.0
MF-R016/600-A
60
600
3
0.16
0.32
4.0
7.0
16.0
7.0
1.0
MF-R016/600-1
60
600
3
0.16
0.32
4.0
8.0
17.0
7.0
1.0
MF-R/600 Series - Telecom PTC Resettable Fuses
Electrical Characteristics
Features
Radial Leaded Devices
Maximum 600 VAC interrupt fault rating
Available in matched resistance “bins”
Ability to withstand lightning surges
RoHS compliant*, lead free
Agency recognition:
Applications
Customer Premise Equipment (CPE):
Modems
Cable modems
Fax machines
POS equipment
Security equipment
Set top boxes
Operating/Storage Temperature ..............................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State......................................................125 °C
Passive Aging ..........................................................+85 °C, 1000 hours ..........................................................±5 % typical resistance change
+60 °C, 1000 hours
±5 % typical resistance change
Humidity Aging ........................................................+85 °C, 85 % R.H. 500 hours ..........................................±5 % typical resistance change
Thermal Shock ........................................................MIL-STD-202F, Method 107G, ........................................±10 % typical resistance change
+125 °C to -55 °C,10 times
±15 % typical resistance change
Solvent Resistance ..................................................MIL-STD-202, Method 215B............................................No change
Lead Solerability ......................................................ANSI/J-STD-002
Flammability ............................................................IEC 695-2-2 ......................................................................No Flame for 60 secs.
Vibration ..................................................................MIL-STD-883C, Method 2007.1, Condition A..................No change
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description
Resistance ..........................................................In still air @ 23 °C ........................................Rmin ≤ R ≤ Rmax
Time to Trip ........................................................5 times Ihold, Vmax, 23 °C..........................T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E 174545S
CSA File Number ................................................CA 110338
Test Procedures And Requirements For Model MF-R/600 Series
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-R015/600
0.233
0.206
0.178
0.150
0.124
0.110
0.096
0.083
0.062
MF-R016/600
0.249
0.219
0.190
0.160
0.132
0.117
0.103
0.088
0.066
Itrip is approximately two times Ihold.


Similar Part No. - MF-R016/600-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R016/600-A BOURNS-MF-R016/600-A Datasheet
479Kb / 4P
Telecom PTC Resettable Fuses
More results

Similar Description - MF-R016/600-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
Telecom PTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com