Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R016/600-1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-R016/600-1
Description  Telecom PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R016/600-1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-R016/600-1 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R016/600-1 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R016/600-1 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R016/600-1 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - R 015/600 - A 05 - 2
Multifuse®
Product
Designator
Series
R = Radial Leaded
Component
Hold Current, Ihold
015-016 (0.15 - 0.16 Amps)
Max. Interrupt Voltage, V
Resistance Range
Narrow resistance ranges are available
on all models as defined in Electrical
Characteristics.
Resistance Bins
Narrow resistance ranges can be separated
into packages where each device is within
0.5 ohms of each other.
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel*
*Packaged per EIA486-B
Maximum Time to Trip at 23 ˚C
1000
100
10
1
0.10
0.00
Fault Current (Amps)
0.50
1.00
1.50
2.00
2.50
3.00
MF-R016/600
MF-R015/600
MF-R/600, REV. E, 11/04
A
B
C
D
E
Physical Characteristics
Model
Max.
Max.
Max.
Min.
Nom.
Style
Lead Dia.
Material
MF-R015/600
13.5
12.6
6.0
4.7
5.0
1
0.65
Sn/Cu
(0.531)
(0.496)
(0.236)
(0.185)
(0.197)
(0.026)
MF-R016/600
16.0
12.6
6.0
4.7
5.0
1
0.65
Sn/Cu
(0.629)
(0.496)
(0.236)
(0.185)
(0.197)
(0.026)
Product Dimensions
Packaging options: BULK: 500 pcs. per bag.
TAPE & REEL: 600 pcs. per reel.
Longer lead lengths available upon request.
MF-R/600 Series - Telecom PTC Resettable Fuses
MM
(INCHES)
DIMENSIONS =
E
D
B
C
A
Typical Part Marking
Represents total content. Layout may vary.
R015
24001K
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
SECOND DIGIT =
MONTH;
NEXT THREE DIGITS =
LOT CODE)
MFG. LOCATION
(K = KOREA
S = CHINA)
Model
Rmin.
Rmax.
R1Max.
Bin
MF-R015/600
6.0
12.0
22.0
N/A
MF-R015/600-A
7.0
10.0
20.0
0.5
MF-R015/600-B
9.0
12.0
22.0
0.5
MF-R015/600-F
7.0
12.0
22.0
0.5
MF-R016/600
4.0
10.0
18.0
N/A
MF-R016/600-A
4.0
7.0
16.0
0.5
MF-R016/600-1
4.0
8.0
17.0
0.5
Resistance Options
Additional Features
Ability to withstand AC power cross conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com