Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRL0103C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HRL0103C
Description  Silicon Schottky Barrier Diode for Rectifying
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRL0103C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HRL0103C Datasheet HTML 1Page - Renesas Technology Corp HRL0103C Datasheet HTML 2Page - Renesas Technology Corp HRL0103C Datasheet HTML 3Page - Renesas Technology Corp HRL0103C Datasheet HTML 4Page - Renesas Technology Corp HRL0103C Datasheet HTML 5Page - Renesas Technology Corp HRL0103C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HRL0103C
REJ03G0367-0200 Rev.2.00 Mar 05, 2007
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM *
1
30
V
Reverse voltage
VR
30
V
Average rectified current
IO *
1
100
mA
Peak forward surge current
IFM
300
mA
Non-Repetitive peak forward surge current
IFSM *
2
1
A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. See from Fig.3 to Fig.5.
2. 10 ms sine wave 1 pulse.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
—
0.40
V
IF = 10 mA
Forward voltage
VF2
—
—
0.60
V
IF = 100 mA
IR1
—
—
0.1
VR = 5 V
Reverse current
IR2
—
—
0.2
µA
VR = 10 V
Capacitance
C
—
—
8.0
pF
VR = 0.5 V, f = 1 MHz
Thermal resistance
Rth(j-a)
—
800
—
°C/W
Polyimide board *
1
Notes
: 1. Polyimide board
Unit: mm
1.0
20h
×15w×0.8t
0.3
2. For EFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com