Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSMBD2004 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBD2004
Description  SURFACE MOUNT, SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBD2004 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBD2004 Datasheet HTML 1Page - GTM CORPORATION GSMBD2004 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSMBD2004
Page: 1/2
ISSUED DATE :2005/12/23
REVISED DATE :
G
G S
S M
M B
B D
D 22000044
S U R F A C E M O U N T, S W I T C H I N G D I O D E
V O L T A G E 3 0 0 V, C U R R E N T 0 . 2 2 5 A
Description
The GSMBD2004 is designed for ultra high speed switching.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings (At TA = 25 : unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Continuous reverse voltage
VR(VRWM)
240
V
RMS Reverse Voltage
VR(RMS)
170
V
Forward Continuous Current
IFM
225
mA
4
Non-Repetitive Peak Forward surge Current @Tp =1.0us
@Tp=1.0s
IFSM
1
A
Typical Junction Capacitance between Terminal (Note1)
CJ
5.0
pF
Max. Reverse Recovery Time (Note2)
TRR
50
nSec
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient Air
R JA
357
/W
:
Operation and Storage Temperature Range
TJ, TSTG
-65 ~ +150
:
Electrical Characteristics (At TA = 25 : unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
BVR
300
-
V
IR=100uA
0.85
V
IF=20mA
-
1
V
IF=100mA
Forward Voltage
VF
-
1.25
V
IF=225mA
100
nA
VR=240V, TA=25 :
Reverse Current
IR
-
100
uA
VR=240V, TA=150 :
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 0 volts.
2. Measured at applied forward current of 30mA, reverse current of 30mA, RL=100 and recovery to IRR=-3mA.
3. ESD sensitive product handling required.


Similar Part No. - GSMBD2004

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBD2004 ETL-GSMBD2004 Datasheet
227Kb / 2P
S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 3 0 0 V, C U R R E N T 0 . 2 2 5 A
More results

Similar Description - GSMBD2004

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com