Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1069H
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1069H Datasheet HTML 4Page - NXP Semiconductors TEA1069H Datasheet HTML 5Page - NXP Semiconductors TEA1069H Datasheet HTML 6Page - NXP Semiconductors TEA1069H Datasheet HTML 7Page - NXP Semiconductors TEA1069H Datasheet HTML 8Page - NXP Semiconductors TEA1069H Datasheet HTML 9Page - NXP Semiconductors TEA1069H Datasheet HTML 10Page - NXP Semiconductors TEA1069H Datasheet HTML 11Page - NXP Semiconductors TEA1069H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1998 Jan 08
8
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.4 Supply arrangement.
handbook, full pagewidth
MBH197
SLPE
STAB
REG
LN
AC
DC
peripheral
circuits
C1
0.5 mA
Rline
Rexch
Vexch
Iline
Ip
R1
ICC
VCC
VEE
ISLPE + 0.5 mA
ISLPE
C3
R5
R9
TEA1069
TEA1069A
Thus, the regulated voltage on the line terminal (VLN) can
be calculated as:
, where
Vref is the internally generated temperature compensated
reference voltage of 3.7 V and R9 is an external resistor
connected between SLPE and VEE.
The circuit has an internal current stabilizer operating at a
level determined by resistor R5 connected between STAB
and VEE.
In normal use the value of R5 would be 3.6 k
Ω and the
value of R9 would be 20
Ω.
Changing the value of R5 or R9 will affect microphone
gain, DTMF gain, gain control characteristics, sidetone
level, maximum output swing on LN and the DC
characteristics (especially at low line current).
At line currents below 9 mA the internal reference voltage
is automatically adjusted to a lower value (typically 1.6 V
V
LN
V
ref
I
SLPE
R9
×
+
=
I
SLPE
I
line
I
CC
I
p
0.5
10
3
–
A
×
++


–
=
at 1 mA). This means that more sets can be operated in
parallel with DC line voltages (excluding the polarity guard)
down to an absolute minimum voltage of 1.6 V. At line
currents below 9 mA the circuit has limited sending and
receiving levels.
Under normal conditions, when ISLPE >> ICC + 0.5 mA + Ip,
the static behaviour of the circuit is that of a 3.7 V regulator
diode (Vref) with an internal resistance equal to that of R9.
In the audio frequency range the dynamic impedance is
largely determined by R1. Figure 5 shows the equivalent
impedance of the circuit.
Current (Ip) available from VCC for the dialler part and
peripheral circuits depends on the external components
used. Figure 6 shows this current for VCC > 2.2 V. When
MUTE is HIGH i.e. when the receiving amplifier (supplied
from VCC) is driven, the available current is further
reduced. Current availability can be increased by
connecting the supply IC TEA1081 in parallel with R1, or
by increasing the DC line voltage by means of an external
resistor (RVA = R60) connected between REG and SLPE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com