Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2011 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAF2011
Description  Silicon N Channel MOS FET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2011 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAF2011 Datasheet HTML 1Page - Renesas Technology Corp HAF2011 Datasheet HTML 2Page - Renesas Technology Corp HAF2011 Datasheet HTML 3Page - Renesas Technology Corp HAF2011 Datasheet HTML 4Page - Renesas Technology Corp HAF2011 Datasheet HTML 5Page - Renesas Technology Corp HAF2011 Datasheet HTML 6Page - Renesas Technology Corp HAF2011 Datasheet HTML 7Page - Renesas Technology Corp HAF2011 Datasheet HTML 8Page - Renesas Technology Corp HAF2011 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HAF2011(L), HAF2011(S)
REJ03G1138-0500 Rev.5.00 Aug 21, 2007
Page 6 of 8
12
10
8
4
6
2
0
0.1
100
200
180
160
140
120
0
100
24
6
8
10
ID = 5 A
110
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test PW (mS)
Shutdown Case Temperature vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.01
0.02
1shot
pulse
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 2.5°C/W, Tc = 25°C
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
16 V
VDD = 9 V
Vin Monitor
D.U.T.
Vin
5 V
50
Ω
RL
Vout
Monitor
VDD
= 30 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com