Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2011S Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAF2011S
Description  Silicon N Channel MOS FET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2011S Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAF2011S Datasheet HTML 1Page - Renesas Technology Corp HAF2011S Datasheet HTML 2Page - Renesas Technology Corp HAF2011S Datasheet HTML 3Page - Renesas Technology Corp HAF2011S Datasheet HTML 4Page - Renesas Technology Corp HAF2011S Datasheet HTML 5Page - Renesas Technology Corp HAF2011S Datasheet HTML 6Page - Renesas Technology Corp HAF2011S Datasheet HTML 7Page - Renesas Technology Corp HAF2011S Datasheet HTML 8Page - Renesas Technology Corp HAF2011S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAF2011(L), HAF2011(S)
REJ03G1138-0500 Rev.5.00 Aug 21, 2007
Page 4 of 8
Main Characteristics
80
60
40
20
0
0
50
100
150
200
500
100
200
20
50
10
2
5
1
0.5
0.3
0.3 0.5
1
2
5
10
20
50 100
100
80
60
40
20
0
2
04
6
8
10
10 V
VGS = 3.5 V
0
0
12
3
4
5
75
°C
Ta = 25
°C
100
µs
1 ms
PW
=
10
ms
Operation in
this area is
limited by RDS (on)
50
40
30
20
10
8 V
6 V
5 V
4 V
VDS = 10 V
Pulse Test
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
0.5
0.4
0.3
0.2
0.1
0
2
04
6
8
10
50
1
2
5
10
20
50
100
20
10
2
5
1
10 A
ID = 20 A
5 A
200
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
DC
Operation
(Tc
=
25
°C)
Tc = –25
°C
25
°C
Pulse Test
VGS = 4 V
10 V
Thermal shut down
Operation area



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com