Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSMBT2907A Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBT2907A
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBT2907A Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBT2907A Datasheet HTML 1Page - GTM CORPORATION GSMBT2907A Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2004/12/22
REVISED DATE :
GSM BT2907A
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT2907A is designed for general purpose amplifier and high speed, medium-power switching applications.
Features
&Low collector saturation voltage
&High speed switching
&For complementary use with NPN type GSMBT2222A
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
-60
V
Collector to Emitter Voltage at Ta=25 :
VCEO
-60
V
Emitter to Base Voltage at Ta=25 :
VEBO
-5
V
Collector Current at Ta=25 :
IC
-600
mA
Total Power Dissipation at Ta=25 :
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-10uA
BVCEO
-60
-
-
V
IC=-10mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-10
nA
VCE=-50V
ICEX
-
-
-50
nA
VCE=-30V, VBE=-0.5V
*VCE(sat)1
-
-0.2
-0.4
V
IC=-150mA, IB=-15mA
*VCE(sat)2
-
-0.5
-1.6
V
IC=-500mA, IB=-50mA
*VBE(sat)1
-
-
-1.3
mV
IC=-150mA, IB=-15mA
*VBE(sat)2
-
-
-2.6
V
IC=-500mA, IB=-50mA
*hFE1
75
-
-
VCE=-10V, IC=-0.1mA
*hFE2
100
-
-
VCE=-10V, IC=-1mA
*hFE3
100
-
-
VCE=-10V, IC=-10mA
*hFE4
100
180
300
VCE=-10V, IC=-150mA
*hFE5
50
-
-
VCE=-10V, IC=-500mA
fT
200
-
-
MHz
VCE=-20V, IC=-50mA, f=100MHz
Cob
-
-
8.0
pF
VCE=-10V, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%


Similar Part No. - GSMBT2907A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBT2907A ETL-GSMBT2907A Datasheet
149Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GSMBT2907A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com