Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSMBT4075 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBT4075
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBT4075 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBT4075 Datasheet HTML 1Page - GTM CORPORATION GSMBT4075 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/07/22
REVISED DATE :
G
G S
S M
M B
B T
T 44007755
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT4075 is designed for general purpose switching and amplifier applications.
Features
&Excellent hFE Linearity : hFE (0.1mA)/ hFE (2mA)=0.95 (Typ.)
&High hFE : hFE = 70~700
&Complementary to GSMBT2014
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics (Ta = 25 )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA , IE=0
BVCEO
50
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA ,IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
*VBE(sat)
-
-
1
V
IC=100mA, IB=10mA
*hFE1
70
-
700
VCE=6V, IC=2mA
*hFE2
25
-
-
VCE=6V, IC=150mA
fT
80
-
-
MHz
VCE=10V, IC=1mA, f=100MHz
Cob
-
-
3.5
pF
VCB=10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE1
Rank
LO
LY
LG
LB
Range
70 - 140
120 - 240
200 - 400
350 - 700


Similar Part No. - GSMBT4075

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBT4075 ETL-GSMBT4075 Datasheet
196Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GSMBT4075

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com