Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4953SS Datasheet(PDF) 2 Page - GTM CORPORATION

Part # 4953SS
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

4953SS Datasheet(HTML) 2 Page - GTM CORPORATION

  4953SS Datasheet HTML 1Page - GTM CORPORATION 4953SS Datasheet HTML 2Page - GTM CORPORATION 4953SS Datasheet HTML 3Page - GTM CORPORATION 4953SS Datasheet HTML 4Page - GTM CORPORATION 4953SS Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GSS4953
Page: 2/5
ISSUED DATE :2006/01/19
REVISED DATE :2006/11/09D
Electrical Characteristics (Tj = 25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Gate Threshold Voltage
VGS(th)
-1.0
-
-2.5
V
VDS=VGS, ID=-250uA
Forward Transconductance2
gfs
-
5
-
S
VDS=-5V, ID=-5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±16V
Drain-Source Leakage Current
IDSS
-
-
-1
uA
VDS=-24V, VGS=0
-
-
53
VGS=-10V, ID=-5A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
90
m
VGS=-4.5V, ID=-4A
Total Gate Charge2
Qg
-
11.7
-
Gate-Source Charge
Qgs
-
2.1
-
Gate-Drain (“Miller”) Change
Qgd
-
2.9
-
nC
ID=-5A
VDS=-15V
VGS=-10V
Turn-on Delay Time2
Td(on)
-
9
-
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
37
-
Fall Time
Tf
-
23
-
ns
VDS=-15V
ID=-1A
VGS=-10V
RG=6
RD=15
Input Capacitance
Ciss
-
582
-
Output Capacitance
Coss
-
125
-
Reverse Transfer Capacitance
Crss
-
86
-
pF
VGS=0V
VDS=-15V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-0.84
-1.2
V
IS=-1.7A, VGS=0V
Notes: 1. Surface Mounted on FR4 Board, t 10sec.
2. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com