Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSS6982 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSS6982
Description  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS6982 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSS6982 Datasheet HTML 1Page - GTM CORPORATION GSS6982 Datasheet HTML 2Page - GTM CORPORATION GSS6982 Datasheet HTML 3Page - GTM CORPORATION GSS6982 Datasheet HTML 4Page - GTM CORPORATION GSS6982 Datasheet HTML 5Page - GTM CORPORATION GSS6982 Datasheet HTML 6Page - GTM CORPORATION GSS6982 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GSS6982
Page: 1/7
ISSUED DATE :2006/04/24
REVISED DATE :
G
G S
S S
S 66998822
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GSS6982 provide the designer with the best combination of fast switching, ruggedized device design, ultra
low on-resistance and cost-effectiveness.
Features
*Low On-resistance
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Ratings
Parameter
Symbol
CH-1
CH-2
Unit
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
±25
±25
V
Continuous Drain Current3
ID @TA=25 :
8.5
7.3
A
Continuous Drain Current3
ID @TA=70 :
6.8
5.8
A
Pulsed Drain Current1
IDM
30
30
A
Total Power Dissipation
PD @TA=25 :
2.0
W
Linear Derating Factor
0.016
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-a
62.5
/
: W
Pb Free Plating Product
CH1 BVDSS
30V
N-CH RDS(ON) 18m
N-CH ID
8.5A
CH2 BVDSS
30V
N-CH RDS(ON) 26m
N-CH ID
7.3A


Similar Part No. - GSS6982

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6900S GTM-GSS6900S Datasheet
540Kb / 8P
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
More results

Similar Description - GSS6982

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com