Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8682 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8682
Description  Low Power JFET-Input Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682 Datasheet(HTML) 3 Page - Analog Devices

  AD8682 Datasheet HTML 1Page - Analog Devices AD8682 Datasheet HTML 2Page - Analog Devices AD8682 Datasheet HTML 3Page - Analog Devices AD8682 Datasheet HTML 4Page - Analog Devices AD8682 Datasheet HTML 5Page - Analog Devices AD8682 Datasheet HTML 6Page - Analog Devices AD8682 Datasheet HTML 7Page - Analog Devices AD8682 Datasheet HTML 8Page - Analog Devices AD8682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4062-2/ADA4062-4
Rev. B | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
B Grade (ADA4062-2, 8-Lead SOIC Only)
0.5
1.5
mV
−40°C ≤ TA ≤ +125°C
3
mV
A Grade
0.75
2.5
mV
−40°C ≤ TA ≤ +125°C
5
mV
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
5
μV/°C
Input Bias Current
IB
2
50
pA
−40°C ≤ TA ≤ +125°C
5
nA
Input Offset Current
IOS
0.5
25
pA
−40°C ≤ TA ≤ +125°C
2.5
nA
Input Voltage Range
−40°C ≤ TA ≤ +125°C
−11.5
+15
V
Common-Mode Rejection Ratio
CMRR
B Grade (ADA4062-2, 8-Lead SOIC Only)
VCM = −11.5 V to +11.5 V
80
90
dB
−40°C ≤ TA ≤ +125°C
80
dB
A Grade
VCM = −11.5 V to +11.5 V
73
90
dB
−40°C ≤ TA ≤ +125°C
70
dB
Large-Signal Voltage Gain
AVO
RL = 10 kΩ, VO = −10 V to +10 V
76
83
dB
−40°C ≤ TA ≤ +125°C
72
dB
Input Resistance
RIN
10
TΩ
Input Capacitance, Differential Mode
CINDM
1.5
pF
Input Capacitance, Common Mode
CINCM
4.8
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
13
13.5
V
−40°C ≤ TA ≤ +125°C
12.5
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
−13.8
−13
V
−40°C ≤ TA ≤ +125°C
−12.5
V
Short-Circuit Current
ISC
20
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = 1
1
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
B Grade (ADA4062-2, 8-Lead SOIC Only)
VSY = ±4 V to ±18 V
80
90
dB
−40°C ≤ TA ≤ +125°C
80
dB
A Grade
VSY = ±4 V to ±18 V
74
90
dB
−40°C ≤ TA ≤ +125°C
70
dB
Supply Current per Amplifier
ISY
IO = 0 mA
165
220
μA
−40°C ≤ TA ≤ +125°C
260
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 100 pF, AV = 1
3.3
V/μs
Settling Time
tS
To 0.1%, VIN = 10 V step, CL = 100 pF,
RL = 10 kΩ, AV = 1
3.5
μs
Gain Bandwidth Product
GBP
RL = 10 kΩ, AV = 1
1.4
MHz
Phase Margin
ΦM
RL = 10 kΩ, AV = 1
78
Degrees
Channel Separation (ADA4062-2 Only)
CS
f = 1 kHz
135
dB
Channel Separation (ADA4062-4 Only)
CS
f = 1 kHz
130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com