Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP0MQ Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEAP0MQ
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP0MQ Datasheet(HTML) 4 Page - OSRAM GmbH

  LEAP0MQ Datasheet HTML 1Page - OSRAM GmbH LEAP0MQ Datasheet HTML 2Page - OSRAM GmbH LEAP0MQ Datasheet HTML 3Page - OSRAM GmbH LEAP0MQ Datasheet HTML 4Page - OSRAM GmbH LEAP0MQ Datasheet HTML 5Page - OSRAM GmbH LEAP0MQ Datasheet HTML 6Page - OSRAM GmbH LEAP0MQ Datasheet HTML 7Page - OSRAM GmbH LEAP0MQ Datasheet HTML 8Page - OSRAM GmbH LEAP0MQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LE A P0MQ
DATASHEET
DATASHEET
4 | Version 1.4 | 2024-07-02
Characteristics
T
S = 25 °C; IF = 6000 mA
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
620 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
609 nm
613 nm
618 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
17 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Radiating surface
A
color
typ.
1.55 x 1.2 mm²
Partial Flux acc. CIE 127:2007 4)
Φ
E/V, 120°
typ.
0.77
Forward Voltage 5)
V
F
min.
typ.
max.
2.4 V
2.9 V
3.5 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/solderpoint
R
thJS real
typ.
1.5 K / W
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 22 %
R
thJS elec.
typ.
1.2 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com