Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP1MR Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LEAP1MR
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP1MR Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LEAP1MR Datasheet HTML 6Page - OSRAM GmbH LEAP1MR Datasheet HTML 7Page - OSRAM GmbH LEAP1MR Datasheet HTML 8Page - OSRAM GmbH LEAP1MR Datasheet HTML 9Page - OSRAM GmbH LEAP1MR Datasheet HTML 10Page - OSRAM GmbH LEAP1MR Datasheet HTML 11Page - OSRAM GmbH LEAP1MR Datasheet HTML 12Page - OSRAM GmbH LEAP1MR Datasheet HTML 13Page - OSRAM GmbH LEAP1MR Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LE A P1MR
DATASHEET
DATASHEET
10 | Version 1.1 | 2022-08-17
Dimensional Drawing 7)
Further Information:
Approximate Weight:
5,000.0 mg
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.
Notes:
For superior solder joint connectivity results we recommend soldering under
standard nitrogen atmosphere.
Package not suitable for any kind of wet cleaning or ultrasonic cleaning.
Connector:
TYU, TU1502 Series, 1.50mm Pitch, Wire to Board Wafer,
Part Number TU1502WNR-10S-*-*
Recommended mating
connector:
TYU, TU1502 Series, 1.50mm Pitch, Wire to Board Housing,
Part Number TU1502HNO-10
TYU, TU1502 Series, 1.50mm Pitch, Terminal,
Part Number TU1502TPO-*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com