Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8684 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8684
Description  Micropower RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8684 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8684 Datasheet HTML 9Page - Analog Devices AD8684 Datasheet HTML 10Page - Analog Devices AD8684 Datasheet HTML 11Page - Analog Devices AD8684 Datasheet HTML 12Page - Analog Devices AD8684 Datasheet HTML 13Page - Analog Devices AD8684 Datasheet HTML 14Page - Analog Devices AD8684 Datasheet HTML 15Page - Analog Devices AD8684 Datasheet HTML 16Page - Analog Devices AD8684 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4092-4
Rev. B | Page 13 of 20
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10
30
50
90
TIME (µs)
20
40
60
70
80
ADA4092-4
VSY = ±1.5V
TA = 25°C
Figure 38. Positive Overload Recovery, 3 V
6
5
4
3
2
1
0
–1
0
10
30
50
90
TIME (µs)
20
40
60
70
ADA4092-4
VSY = ±5V
TA = 25°C
Figure 39. Positive Overload Recovery, 10 V
16
14
12
10
8
6
4
2
–2
0
0
10
30
50
90
TIME (µs)
20
40
60
70
80
ADA4092-4
VSY = ±15V
TA = 25°C
Figure 40. Positive Overload Recovery, 30 V
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
0
10
30
50
100
TIME (µs)
20
40
60
70
90
80
ADA4092-4
VSY = ±1.5V
TA = 25°C
Figure 41. Negative Overload Recovery, 3 V
0
–1
–2
–3
–4
–5
–6
0
10
40
60
TIME (µs)
30
20
50
70
80
90
ADA4092-4
VSY = ±5V
TA = 25°C
Figure 42. Negative Overload Recovery, 10 V
0
–2
–4
–6
–8
–10
–12
–14
–16
0
10
30
50
TIME (µs)
20
40
60
70
80
ADA4092-4
VSY = ±15V
TA = 25°C
Figure 43. Negative Overload Recovery, 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com