Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4622-1ARJZ-R2
Description  30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4622-1ARJZ-R2 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 30Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 31Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 32Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 33Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 34Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 35Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
Data Sheet
ADA4622-1/ADA4622-2/ADA4622-4
OUTLINE DIMENSIONS
©2015-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. F | 36 of 36
Updated: September 06, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADA4622-1ARJZ-R2
-40°C to +125°C
5-Lead SOT-23
Reel, 250
RJ-5
A3J
ADA4622-1ARJZ-R7
-40°C to +125°C
5-Lead SOT-23
Reel, 3000
RJ-5
A3J
ADA4622-1ARJZ-RL
-40°C to +125°C
5-Lead SOT-23
Reel, 10000
RJ-5
A3J
ADA4622-1ARZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4622-1ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4622-1ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4622-1BRZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4622-1BRZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4622-1BRZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4622-2ACPZ-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
A3D
ADA4622-2ACPZ-RL
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 5000
CP-8-13
A3D
ADA4622-2ARMZ
-40°C to +125°C
8-Lead MSOP
RM-8
A3D
ADA4622-2ARMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
A3D
ADA4622-2ARMZ-RL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A3D
ADA4622-2ARZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4622-2ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4622-2ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4622-2BRZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4622-2BRZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4622-2BRZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4622-4ACPZ-R2
-40°C to +125°C
16-Lead LFCSP (4mm x 4mm w/ EP)
Reel, 250
CP-16-20
ADA4622-4ACPZ-R7
-40°C to +125°C
16-Lead LFCSP (4mm x 4mm w/ EP)
Reel, 1500
CP-16-20
ADA4622-4ACPZ-RL
-40°C to +125°C
16-Lead LFCSP (4mm x 4mm w/ EP)
Reel, 5000
CP-16-20
ADA4622-4ARZ
-40°C to +125°C
14-Lead SOIC
R-14
ADA4622-4ARZ-R7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
ADA4622-4ARZ-RL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com