Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4062-2BRZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4062-2BRZ-R7
Description  Low Power JFET-Input Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4062-2BRZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4062-2BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4062-2/ADA4062-4
Rev. B | Page 16 of 20
PHASE REVERSAL
Phase reversal occurs in some amplifiers when the input common-
mode voltage range is exceeded. When the voltage driving the
input to these amplifiers exceeds the maximum input common-
mode voltage range, the output of the amplifiers changes polarity.
Most JFET input amplifiers have phase reversal if either input
exceeds the input common-mode range.
For the ADA4062-x, the output does not phase reverse if one
or both of the inputs exceeds the input voltage range but remains
within the positive supply rail and 0.5 V above the negative
supply rail. In other words, for an application with a supply
voltage of ±15 V, the input voltage can be as high as +15 V
without any output phase reversal. However, when the voltage
of the inputs is driven beyond −14.5 V, phase reversal occurs
due to saturation of the input stage leading to forward biasing
of the gate-drain diode. Phase reversal in ADA4062-x can be
prevented by using a Schottky diode to clamp the input terminals
to each other. In the simple buffer circuit in Figure 63, D1
protects the op amp against phase reversal, and R limits the
input current that flows into the op amp.
+VSY
–VSY
VO
R
10kΩ
ADA4062-x
D1
IN5711
Figure 63. Phase Reversal Solution Circuit
TIME (40µs/DIV)
VSY = ±15V
VOUT
VIN
Figure 64. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com