Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4817-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
ADA4817-1/ADA4817-2
LAYOUT, GROUNDING, AND BYPASSING CONSIDERATIONS
analog.com
Rev. H | 22 of 29
Laying out the PCB is usually the last step in the design process
and often proves to be one of the most critical. A good design
can be rendered useless because of poor layout. Because the
ADA4817-1/ADA4817-2 can operate into the radio frequency (RF)
spectrum, high frequency board layout considerations must be
taken into account. The PCB layout, signal routing, power supply
bypassing, and grounding all must be addressed to ensure optimal
performance.
SIGNAL ROUTING
The ADA4817-1/ADA4817-2 feature a low distortion pinout with a
dedicated feedback pin that allows a compact layout. The dedicated
feedback pin reduces the distance from the output to the inverting
input, which greatly simplifies the routing of the feedback network.
When laying out the ADA4817-1/ADA4817-2 as a unity-gain amplifi-
er, it is recommended to place a short but wide trace between the
dedicated feedback pins and the inverting input to the amplifier to
minimize stray parasitic inductance.
To minimize parasitic inductances, use ground planes under high
frequency signal traces. However, remove the ground plane from
under the input and output pins to minimize the formation of para-
sitic capacitors, which degrades phase margin. Run signals are
susceptible to noise pickup on the internal layers of the PCB, which
can provide maximum shielding.
POWER SUPPLY BYPASSING
Power supply bypassing is a critical aspect of the PCB design
process. For best performance, properly bypass the ADA4817-1/
ADA4817-2 power supply pins.
A parallel connection of capacitors from each of the power supply
pins to ground works best. Paralleling different values and sizes of
capacitors helps ensure that the power supply pins see a low ac
impedance across a wide band of frequencies, which is important
for minimizing the coupling of noise into the amplifier. Starting
directly at the power supply pins, place the smallest value and sized
component on the same side of the board as the amplifier, and
as close as possible to the amplifier, and connect it to the ground
plane. Repeat this process for the next largest value capacitor.
It is recommended to use a 0.1 µF ceramic, 0508 case for the
ADA4817-1/ADA4817-2.
The 0508 case offers low series inductance and excellent high
frequency performance. The 0.1 µF provides low impedance at high
frequencies. Place a 10 µF electrolytic capacitor in parallel with the
0.1 µF. The 10 µF electrolytic capacitor provides low ac impedance
at low frequencies. Smaller values of electrolytic capacitors can
be used depending on the circuit requirements. Additional smaller
value capacitors help provide a low impedance path for unwanted
noise out to higher frequencies but are not always necessary.
Placement of the capacitor returns (grounds) is also important.
Returning the grounds of the capacitor close to the amplifier load
is critical for distortion performance. Keeping the distance of the ca-
pacitors short, but equal from the load, is optimal for performance.
In some cases, bypassing between the two supplies can help to
improve PSRR and to maintain distortion performance in crowded
or difficult layouts. Bypassing is another option to improve perform-
ance.
Minimizing the trace length and widening the trace from the capac-
itors to the amplifier reduces the trace inductance. A series induc-
tance with the parallel capacitance can form a tank circuit, which
can introduce high frequency ringing at the output. This additional
inductance can also contribute to increased distortion due to high
frequency compression at the output. Minimize the use of vias in
the direct path to the amplifier power supply pins because vias can
introduce parasitic inductance, which can lead to instability. When
required to use vias, choose multiple large diameter vias because
this lowers the equivalent parasitic inductance.
GROUNDING
The use of ground and power planes is encouraged as a method
of providing low impedance returns for power supply and signal
currents. Ground and power planes can also help to reduce stray
trace inductance and to provide a low thermal path for the amplifier.
Do not use ground and power planes under any of the pins. The
mounting pads and the ground or power planes can form a parasitic
capacitance at the input of the amplifier. Stray capacitance on
the inverting input and the feedback resistor form a pole, which
degrades the phase margin, leading to instability. Excessive stray
capacitance on the output also forms a pole, which degrades phase
margin.
EXPOSED PAD
The ADA4817-1/ADA4817-2 feature an exposed pad, which lowers
the thermal resistance by 25% compared to a standard SOIC
plastic package. The exposed pad of the ADA4817-1/ADA4817-2
floats internally, which provides the maximum flexibility and ease of
use. It can be connected to the ground plane or to the negative
power supply plane. In cases where thermal heating is not an issue,
the exposed pad can be left floating.
The use of thermal vias or heat pipes can also be incorporated
into the design of the mounting pad for the exposed pad. These
additional vias help to lower the overall junction to ambient temper-
ature (θJA). Using a heavier weight copper on the surface to which
the exposed paddle of the amplifier is soldered can greatly reduce
the overall thermal resistance seen by the ADA4817-1/ADA4817-2.
LEAKAGE CURRENTS
Poor PCB layout, contaminants, and the board insulator material
can create leakage currents that are much larger than the input
bias current of the ADA4817-1/ADA4817-2. Any voltage differential
between the inputs and nearby runs sets up leakage currents
through the PCB insulator, for example, 1 V/ 100 GΩ = 10 pA.
Similarly, any contaminants, such as skin oils on the board, can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com