Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBP1MQ Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEBP1MQ
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP1MQ Datasheet(HTML) 5 Page - OSRAM GmbH

  LEBP1MQ Datasheet HTML 1Page - OSRAM GmbH LEBP1MQ Datasheet HTML 2Page - OSRAM GmbH LEBP1MQ Datasheet HTML 3Page - OSRAM GmbH LEBP1MQ Datasheet HTML 4Page - OSRAM GmbH LEBP1MQ Datasheet HTML 5Page - OSRAM GmbH LEBP1MQ Datasheet HTML 6Page - OSRAM GmbH LEBP1MQ Datasheet HTML 7Page - OSRAM GmbH LEBP1MQ Datasheet HTML 8Page - OSRAM GmbH LEBP1MQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE B P1MQ
5 Version 1.3 | 2021-04-07
Relative Spectral Emission 4)
E
rel = f (λ); IF = 6000 mA; TJ = 25 °C
LEBP1MQ
350
400
450
500
550
600
650
700
750
800
λ /nm
0.0
0.2
0.4
0.6
0.8
1.0
Erel
:Vλ
:blue
Radiation Characteristics 4)
I
rel = f (ϕ); TJ = 25 °C
LEBP1MQ
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20°30° 40° 50° 60° 70° 80°90°
ϕ /°
0.0
0.2
0.4
0.6
0.8
1.0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com