Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4817-2ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4817-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
ADA4817-1/ADA4817-2
APPLICATIONS INFORMATION
analog.com
Rev. H | 25 of 29
The loop transmission zero introduced by CF limits the amplifica-
tion. The noise gain bandwidth extends past the pre-amp signal
bandwidth and is eventually rolled off by the decreasing loop gain of
the amplifier. The current equivalent noise from the inverting termi-
nal is typically negligible for most applications. The innovative archi-
tecture used in the ADA4817-1/ADA4817-2 makes balancing both
inputs unnecessary, as opposed to traditional FET input amplifiers.
Therefore, minimizing the impedance seen from the noninverting
terminal to ground at all frequencies is critical for optimal noise
performance.
Integrating the square of the output voltage noise spectral density
over frequency and then taking the square root allows the user
to obtain the total rms output noise of the preamp. Table 9 summa-
rizes approximations for the amplifier and feedback and source
resistances. Noise components for an example preamp with RF =
50 kΩ, CS = 30 pF, and CF = 0.5 pF (bandwidth of about 6.4 MHz)
are also listed. VEN is the equivalent voltage noise and IEN is the
equivalent current noise.
Table 9. RMS Noise Contributions of Photodiode Preamp
Contributor
Expression
RMS Noise with RF = 50 kΩ, CS = 30 pF, CF = 0.5 pF
RF
4kT×RF×f2×1.57
94 µV
VEN Amp
VEN× CS+CM+CD+CF
CF × f3 × 1.57 777.5µV
IEN Amp
IEN×RF× f2×1.57
0.4 µV
Total
783 µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com