Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4062-4ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4062-4ACPZ-R7
Description  Low Power JFET-Input Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4062-4ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4062-4ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4062-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power JFET-Input Op Amps
ADA4062-2/ADA4062-4
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low input bias current: 50 pA maximum
Offset voltage
1.5 mV maximum for B grade (ADA4062-2 SOIC package)
2.5 mV maximum for A grade
Offset voltage drift: 5 μV/°C typical
Slew rate: 3.3 V/μs typical
CMRR: 90 dB typical
Low supply current: 165 μA typical
High input impedance
Unity-gain stable
±5 V to ±15 V dual-supply operation
Packaging
8-lead SOIC, 8-lead MSOP, 10-lead LFCSP, 14-lead TSSOP, and
16-lead LFCSP packages
APPLICATIONS
Power controls and monitoring
Active filters
Industrial/process controls
Body probe electronics
Data acquisition
Integrators
Input buffering
GENERAL DESCRIPTION
The ADA4062-2 and ADA4062-4 are dual and quad JFET-input
amplifiers with industry-leading performance. They offer lower
power, offset voltage, drift, and ultralow bias current. The
ADA4062-2 B grade (SOIC package) features a typical low offset
voltage of 0.5 mV, an offset drift of 5 μV/°C, and a bias current
of 2 pA.
The ADA4062 family is ideal for various applications, including
process controls, industrial and instrumentation equipment,
active filtering, data conversion, buffering, and power control
and monitoring. With a low supply current of 165 μA per
amplifier, they are well suited for lower power applications.
The ADA4062 family is also specified for the extended industrial
temperature range of −40°C to +125°C. The ADA4062-2 is
available in lead-free, 8-lead SOIC, 8-lead MSOP, and 10-lead
LFCSP (1.6 mm × 1.3 mm × 0.55 mm) packages, while the
ADA4062-4 is available in lead-free, 14-lead TSSOP and
16-lead LFCSP packages.
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4062-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body SOIC and 8-Lead MSOP
7
8
3
2
–IN A
+IN A
OUT B
–IN B
NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADA4062-2
Figure 2. 10-Lead LFCSP
ADA4062-4
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED TO CONNECT THE EXPOSED PAD TO V–.
ADA4062-4
TOP VIEW
(Not to Scale)
–IN A
+IN A
V+
+IN B
–IN D
+IN D
V–
+IN C
12
11
10
1
3
4
9
2
Figure 4. 16-Lead LFCSP
Table 1. Low Power Op Amps
Precision
CMOS
Precision
High Bandwidth
High
Bandwidth
Single
AD8663
AD8641
Dual
AD8667
AD8642
AD8682
Quad
AD8669
AD8643
AD8684


Similar Part No. - ADA4062-4ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4062-4 AD-ADA4062-4 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
ADA4062-4 AD-ADA4062-4 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
More results

Similar Description - ADA4062-4ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1057 LINER-LT1057_1 Datasheet
261Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1057 LINER-LT1057_15 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_12 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com