Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4622-2ACPZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4622-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet
ADA4622-1/ADA4622-2/ADA4622-4
APPLICATIONS INFORMATION
analog.com
Rev. F | 32 of 36
PEAK DETECTOR
A peak detector captures the peak value of a signal and produces
an output equal to it. By taking advantage of the dc precision and
super low input bias current of the JFET input amplifiers, such
as the ADA4622-1/ADA4622-2/ADA4622-4, a highly accurate peak
detector can be built, as shown in Figure 99.
Figure 99. Positive Peak Detector
In this application, D3 and D4 act as unidirectional current switches
that open when the output is kept constant in hold mode.
To detect a positive peak, U1 drives C3 through D3 and drives D4
until C3 is charged to a voltage equal to the input peak value.
Feedback from the output of the U2 (positive peak) through R6
limits the output voltage of U1. After detecting the peak, the output
of U1 swings low but is clamped by D2. D3 reverses bias and the
common node of D3, D4, and R7 is held to a voltage equal to
positive peak by R7. The voltage across D4 is 0 V; therefore, the
leakage is small. The bias current of U2 is also small. With almost
no leakage, C3 has a long hold time.
The ADA4622-1/ADA4622-2/ADA4622-4, shown in Figure 99, are a
perfect fit for building a peak detector because U1 requires dc pre-
cision and high output current during fast peaks, and U2 requires
low input bias current (IB) to minimize capacitance discharge be-
tween peaks. A low leakage and low dielectric absorption capacitor,
such as polystyrene or polypropylene, is required for C3. Reversing
the diode directions causes the circuit to detect negative peaks.
MULTIPLEXING INPUTS
By using the ADA4622-1 DISABLE input, it is possible to multiplex
two inputs to a single output by using the circuit shown in Figure
100. If the gain configuration or filter configuration of the two
amplifiers is different, and a common single input to both amplifiers
is used, this configuration can control selectable gain or selectable
frequency response at the output.
Figure 100. Multiplexed Input Circuit
Figure 101 shows the output response when multiplexing two input
signals. The input to the first amplifier is a 4 V p-p, 200 kHz sine
wave; the input to the second amplifier is an 8 V p-p, 100 kHz sine
wave.
Figure 101. Multiplexed Output
FULL WAVE RECTIFIER
Figure 102 shows the circuit of a full wave rectifier using two
ADA4622-1 op amps in single-supply operation. The circuit is com-
posed of a voltage follower (U1) and a second stage amplifier (U2)
that combine the output of the first stage amplifier and the inverted
version of the input signal. U1 follows the input during the positive
half cycle and clamps the negative going input signal to ground,
producing a half wave signal at VHW. The following equation defines
the circuit transfer function:
VFW = (1+ R3/R2)VHW − (R3/R2) × VIN
where:
VFW is the full wave output from U1.
R3 and R2 are the feedback resistors shown in Figure 102.
VHW is the half wave output from U1.
VIN is the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com