Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-1YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4857-1YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4857-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 13 of 21
Figure 32. Open-Loop Gain and Phase vs. Frequency
Figure 33. Input Overdrive Recovery for Various Resistive Loads
Figure 34. Power Supply Rejection Ratio (PSRR) vs. Frequency
Figure 35. PD Isolation vs. Frequency
Figure 36. Output Overdrive Recovery for Various Resistive Loads
Figure 37. Common-Mode Rejection Ratio (CMRR) vs. Frequency
PHASE
GAIN
–10
0
10
20
30
40
50
60
80
70
0.1
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RL = 1kΩ
TIME (40ns/DIV)
8
–8
6
–6
–4
4
–2
0
2
OUTPUT
RL = 100Ω
OUTPUT
RL = 1kΩ
INPUT
VS = ±5V
G = +1
–30
–20
–10
0
10
–80
–70
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
–PSRR
+PSRR
VS = ±5V
RL= 1kΩ
SOIC
LFCSP
–30
–20
–10
0
–100
–70
–80
–90
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +2
VS = ±5V
RL = 1kΩ
PD = 3V
TIME (200ns/DIV)
8
–8
6
–6
–4
4
–2
0
2
OUTPUT
RL = 100Ω
OUTPUT
RL = 1kΩ
2 × INPUT
VS = ±5V
G = +2
–30
–90
–80
–70
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RL= 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com