Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4858-3ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4858-3
Data Sheet
Rev. B | Page 4 of 20
TA = 25°C, VS = 3.3 V, G = 2, RF = 301 Ω, RF = 402 Ω for G = 1, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
V
OUT = 0.1 V p-p, G = 1
540
MHz
V
OUT = 0.1 V p-p
340
MHz
V
OUT = 2 V p-p, G = 1
140
MHz
V
OUT = 2 V p-p
145
MHz
Bandwidth for 0.1 dB Flatness
V
OUT = 2 V p-p
70
MHz
Slew Rate
V
OUT = 2 V step
430
V/µs
Settling Time to 0.1%
V
OUT = 2 V step
20
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (HD2/HD3)
f
C = 1 MHz, VOUT = 2 V p-p
−88/−91
dBc
f
C = 5 MHz, VOUT = 2 V p-p
−75/−78
dBc
Crosstalk
f = 5 MHz
−60
dB
Input Voltage Noise
f = 1 MHz
4
nV/√Hz
Input Current Noise
f = 1 MHz (+IN/−IN)
2/9
pA/√Hz
Differential Gain Error
0.02
%
Differential Phase Error
0.03
Degrees
DC PERFORMANCE
Input Offset Voltage
−14
+0.7
+14
mV
+ Input Bias Current
−2
+0.6
+2
µA
− Input Bias Current
−13
+7
+13
µA
Open-Loop Transimpedance
300
350
kΩ
INPUT CHARACTERISTICS
Input Resistance
+IN1/+IN2
15
MΩ
−IN1/−IN2
90
Ω
Input Capacitance
+IN1/+IN2
1.5
pF
Input Common-Mode Voltage Range
Typical
−0.9
+2.2
V
Common-Mode Rejection Ratio
−60
−54
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
−0.6 to +2.1
−0.9 to +2.2
V
Output Overdrive Recovery Time
Rise/fall, f = 5 MHz
15
ns
Maximum Linear Output Current @ V
OUT = 1 VPEAK
f
C = 1 MHz, HD2 ≤ −50 dBc
20
mA
POWER-DOWN
Input Voltage
Enabled
1.25
V
Powered down
1.35
V
Bias Current
−0.1
+0.1
µA
Turn-On Time
0.3
µs
Turn-Off Time
1.6
µs
POWER SUPPLY
Operating Range
3
5.5
V
Total Quiescent Current
Amplifiers
14
19
20
mA
Charge Pump
21
mA
Total Quiescent Current When Powered Down
Amplifiers
0.15
0.25
0.3
mA
Charge Pump
2
mA
Positive Power Supply Rejection Ratio
−63
−60
dB
Negative Power Supply Rejection Ratio
−57
−54
dB
Charge Pump Output Voltage
−2.1
−2
−1.8
V
Charge Pump Sink Current
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com