Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-1YRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4857-1YRZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4857-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 11 of 21
Figure 20. Harmonic Distortion vs. Output Voltage
Figure 21. 0.1 dB Flatness vs. Frequency for Various Output Voltages (SOIC)
Figure 22. Large Signal Transient Response for Various Output Voltages (SOIC)
Figure 23. Short-Term Settling Time (LFCSP)
Figure 24. 0.1 dB Flatness vs. Frequency for Various Output Voltages (LFCSP)
Figure 25. Large Signal Transient Response for Various Output Voltages (LFCSP)
1
2
3
4
5
6
7
8
–120
–110
–100
–90
–80
–70
–60
–50
–40
HD2, f = 10MHz
HD3, f = 1MHz
HD3, f = 10MHz
HD2, f = 1MHz
OUTPUT VOLTAGE (V p-p)
G = +2
VS = ±5V
RL= 1kΩ
5.7
5.8
5.9
6.1
6.0
6.2
6.3
1
10
100
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 0.2V p-p
VS = ±5V
G = +2
RL= 150Ω
TIME (10ns/DIV)
2.5
–2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
4V p-p
2V p-p
VS = ±5V
RL = 1kΩ
G = +2
TIME (5ns/DIV)
0.5
–0.5
–0.4
0.4
–0.3
0.3
–0.2
0.2
–0.1
0
0.1
OUTPUT
INPUT
VOUT = 2V p-p
G = +2
VS = ±5
5.7
5.8
5.9
6.1
6.0
6.2
6.3
1
10
100
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 0.2V p-p
VS = ±5V
G = +2
RL= 150Ω
TIME (10ns/DIV)
2.5
–2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
4V p-p
2V p-p
VS = ±5V
RL = 1kΩ
G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com