Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3000 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 9Page - Micrel Semiconductor MIC3000 Datasheet HTML 10Page - Micrel Semiconductor MIC3000 Datasheet HTML 11Page - Micrel Semiconductor MIC3000 Datasheet HTML 12Page - Micrel Semiconductor MIC3000 Datasheet HTML 13Page - Micrel Semiconductor MIC3000 Datasheet HTML 14Page - Micrel Semiconductor MIC3000 Datasheet HTML 15Page - Micrel Semiconductor MIC3000 Datasheet HTML 16Page - Micrel Semiconductor MIC3000 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
October 2004
13
M9999-101204
MIC3000
Micrel
Address(s)
Field Size
HEX
DEC
(Bytes)
Name
Description
00–3F
0–63
64
APCLUTn
A.P.C. temperature compensation L.U.T.
40–7F
64–127
64
MODLUTn
VMOD temperature compensation L.U.T.
80–BF
128–191
64
IFLTLUT
Bias current fault threshold temperature compensation L.U.T.
C0–FF
192–255
64
EOLLUTn
Bias current high alarm threshold temperature compensation L.U.T.
Table 3. Temperature Compensation Tables, Serial Address = A4h
Address
Field Size
HEX
DEC
(Bytes)
Name
Description
00
0
1
OEMCFG0
Control/status bits
01
1
1
OEMCFG1
Control/status bits
02
2
1
OEMCFG2
Control/status bits
03
3
1
APCSET0
APC setpoint 0
04
4
1
APCSET1
APC setpoint 1
05
5
1
APCSET2
APC setpoint 2
06
6
1
MODSET
Nominal modulation DAC setpoint
07
7
1
IBFLT
Bias current fault-comparator threshold
08
8
1
TXPFLT
TX power fault threshold
09
9
1
LOSFLT
RX LOS fault-comparator threshold
0A
10
1
FLTTMR
Fault comparator masking interval timer setting
0B
11
1
FLTMSK
Fault source mask bits
0C–0F
12–15
4
OEMPWSET
Password for access to OEM areas
10
16
1
OEMCAL0
OEM calibration register 0
11
17
1
OEMCAL1
OEM calibration register 1
12
18
1
LUTINDX
Look-up table index read-back
13
19
1
RESERVED
Reserved - do not write; reads undefined
14
20
1
APCDAC
Reads back current APC DAC setting
15
21
1
MODDAC
Reads back current modulation DAC setting
16
22
1
OEMREAD
Reads back OEM calibration data
17–1F
23–31
6
RESERVED
Reserved - do not write; reads undefined
20–27
32–39
8
POHDATA
Power-on hour meter scratchpad
28–7D
40–125
85
RESERVED
Reserved–do not write; reads undefined
7E–FD
126–253
128
SCRATCH
OEM scratchpad area
FE
254
1
MFG_ID
Manufacturer identification (Micrel = 42)
FF
255
1
DEV_ID
Device and die revision
Table 4. OEM Configuration Registers, Serial Address = A6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com